Part Number Hot Search : 
ST1N60 P2500 TC7PG CKG32KX SFH4255 NP5005 AP2322GN HCC4001B
Product Description
Full Text Search
 

To Download SD1010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SmartASIC, Inc.
SD1010A
1. OVERVIEW
The SD1010A is enhanced version of the SD1000 chip. It is an IC designed for analog-interface XGA TFT LCD monitors. An analog-interface LCD monitor takes analog RGB signals from a graphic card of a personal computer, the exact same input interface as a conventional CRT monitor. This feature makes analog-interface LCD monitor a true replacement of a conventional CRT monitor. The analog input RGB signals are first sampled by three channels of 8-bit A/D converters, and the 24-bit RGB data are then fed into the SD1010A. The SD1010A is capable of performing automatic detection of the display resolution and timing of input signals generated from various PC graphic cards. No special driver is required for the timing detection, nor any manual adjustment. The SD1010A then automatically scales the input image to fill the full screen of the LCD monitor. The SD1010A can interface with TFT LCD panels from various manufacturers by generating either 24-bit or 48-bit RGB signal to the LCD panel based upon the timing parameters saved in the EEPROM. The SD1010A implements four advanced display technologies: 1. Advanced mode detection and auto-calibration without any external CPU assist 2. Advanced programmable interpolation algorithm 3. Stand-alone mode support, and 4. Advanced true color support with both dithering and frame modulation. The SD1010A also provides distinguished system features to the TFT LCD monitor solution. The first one is "plug-and-play", and the second one is "cost-effective system solution". To be truly plug-and-display, the SD1010A performs automatic input mode detection and auto phase calibration, so the LCD monitor can ensure that the A/D converters' sample clock is precisely synchronized with the input video data, and to preserve the highest image bandwidth for the highest image quality. Furthermore, the SD1010A can generate output video even when the input signal is beyond the specifications or no input signal is fed. For "cost-effective system solution", the SD1010A implements many system support features such as OSD mixer, error status indicators, 2-wire serial interface for both EEPROM and host CPU interface, and low-cost IC package. Another important contributing factor is that the SD1010A does not require external frame buffer memory for the automatic image scaling and synchronization. Figure 1 shows the block diagram of the SD1010A as well as the connections of important system components around the SD1010A.
November, 1999 Revision B
SmartASIC Confidential
3
SmartASIC, Inc.
Figure 1: SD1010A Functional Block Diagram
SD1010A
ADC
Phase Control
Input Mode Detection & Auto Calibration
Buffer Memory
Scaling Interpolation Dithering
Write Control
Read Control
OSD Mixer
TFT LCD Monitor
Input PLL
CPU Interface
E2ROM Interface
CPU
Output PLL
E2PROM
November, 1999 Revision B
SmartASIC Confidential
4
SmartASIC, Inc.
SD1010A
2. PIN DESCRIPTION
Figure 2: SD1010A package diagram
102 103
65 64
SmartASIC SD1010A
128 1 38
37
November, 1999 Revision B
SmartASIC Confidential
5
SmartASIC, Inc.
Table 1: SD1010 pin description (sorted by pin number)
Symbol ROM_SCL ROM_SDA GND CPU_SCL CPU_SDA PWM_CTL CLK_1M VDD CLK_1M_O RESET_B R_OSD G_OSD B_OSD EN_OSD PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14
SD1010A
SCAN_EN TEST_EN FCLK0 VCLK0 FCLK1 VCLK1 HSYNC_O VSYNC_O DCLK_OUT DE_OUT GND VDD R_OUT0_E R_OUT1_E R_OUT2_E R_OUT3_E HSYNC_X R_OUT4_E R_OUT5_E R_OUT6_E R_OUT7_E GND R_OUT0_O R_OUT1_O R_OUT2_O R_OUT3_O November, 1999 Revision B
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
I/O Description O SCL in I2C for EEPROM interface I/O SDA in I2C for EEPROM interface Ground I SCL in I2C for CPU interface I/O SDA in I2C for CPU interface O PWM control signal (Detail description in PWM Operation Section) I Free Running Clock (default: 1MHz) Power Supply O Feedback of free Running Clock I System Reset ( active LOW) I OSD Color Red I OSD Color Green I OSD Color Blue I OSD Mixer Enable =0, No OSD output =1,R_OUT[7:0]= {R_OSD repeat 8 times} G_OUT[7:0]= {G_OSD repeat 8 times } B_OUT[7:0]= {B_OSD repeat 8 times } I Manufacturing test pin (NC) I Manufacturing test pin (NC) O Input PLL Feedback Clock I Input Clock 0 O Output PLL Feedback Clock I Output PLL Output Clock O Output HSYNC (the polarity is programmable through CPU, default is active low) O Output VSYNC (the polarity is programmable through CPU, default is active low) O Output Clock to Control Panel (the polarity is programmable through CPU) O Output Display Enable for Panel (the polarity is programmable through CPU, default is active HIGH) Ground Power Supply O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) O Default HSYNC generated by ASIC (active LOW) O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) O Output Color Red Even Pixel (left pixel) Ground O Output Color Red Odd Pixel (right pixel) O Output Color Red Odd Pixel (right pixel) O Output Color Red Odd Pixel (right pixel) O Output Color Red Odd Pixel (right pixel) SmartASIC Confidential 6
SmartASIC, Inc.
VDD R_OUT4_O R_OUT5_O R_OUT6_O R_OUT7_O GND G_OUT0_E G_OUT1_E G_OUT2_E G_OUT3_E G_OUT4_E VDD G_OUT5_E G_OUT6_E G_OUT7_E GND GND G_OUT0_O G_OUT1_O G_OUT2_O G_OUT3_O VDD G_OUT4_O G_OUT5_O G_OUT6_O G_OUT7_O GND GND B_OUT0_E B_OUT1_E B_OUT2_E B_OUT3_E B_OUT4_E B_OUT5_E B_OUT6_E VDD VDD B_OUT7_E GND B_OUT0_O B_OUT1_O B_OUT2_O B_OUT3_O VDD B_OUT4_O B_OUT5_O B_OUT6_O B_OUT7_O GND R_IN00 R_IN01 R_IN02 November, 1999 Revision B 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 Power Supply Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Ground Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Power Supply Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Ground Ground Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Power Supply Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Ground Ground Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Power Supply Power Supply Output Color Blue Even Pixel (left pixel) Ground Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Power Supply Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Ground Channel A Data Input Color Red (LSB) Channel A Data Input Color Red Channel A Data Input Color Red
SD1010A
O O O O O O O O O O O O
O O O O O O O O
O O O O O O O
O O O O O O O O O I I I
SmartASIC Confidential
7
SmartASIC, Inc.
R_IN03 VDD R_IN04 R_IN05 R_IN06 R_IN07 GND VDD GND G_IN00 G_IN01 G_IN02 G_IN03 VDD G_IN04 G_IN05 ADC_CLK0 G_IN06 G_IN07 GND VDD GND B_IN00 B_IN01 B_IN02 VDD B_IN03 B_IN04 B_IN05 B_IN06 B_IN07 GND HSYNC_I VSYNC_I DE_IN VDD 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 I I I I I Channel A Data Input Color Red Power Supply Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red (MSB) Ground Power Supply Ground Channel A Data Input Color Green (LSB) Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green Power Supply Channel A Data Input Color Green Channel A Data Input Color Green Sample Clock for ADC 0 Channel A Data Input Color Green Channel A Data Input Color Green (MSB) Ground Power Supply Ground Channel A Data Input Color Blue (LSB) Channel A Data Input Color Blue Channel A Data Input Color Blue Power Supply Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue (MSB) Ground Input HSYNC (any polarity) Input VSYNC (any polarity) DE input for digital interface (reserved) Power Supply
SD1010A
I I I I I I O I I
I I I I I I I I I I I
November, 1999 Revision B
SmartASIC Confidential
8
SmartASIC, Inc.
Table 2: SD1010 pin description (sorted by function)
Symbol R_IN00 R_IN01 R_IN02 R_IN03 R_IN04 R_IN05 R_IN06 R_IN07 G_IN00 G_IN01 G_IN02 G_IN03 G_IN04 G_IN05 G_IN06 G_IN07 B_IN00 B_IN01 B_IN02 B_IN03 B_IN04 B_IN05 B_IN06 B_IN07 HSYNC_I VSYNC_I DE_IN ADC_CLK0 R_OUT0_E R_OUT1_E R_OUT2_E R_OUT3_E R_OUT4_E R_OUT5_E R_OUT6_E R_OUT7_E R_OUT0_O R_OUT1_O R_OUT2_O R_OUT3_O R_OUT4_O R_OUT5_O R_OUT6_O R_OUT7_O G_OUT0_E November, 1999 Revision B PIN Number 90 91 92 93 95 96 97 98 102 103 104 105 107 108 110 111 115 116 117 119 120 121 122 123 125 126 127 109 27 28 29 30 32 33 34 35 37 38 39 40 42 43 44 45 47 I/O I I I I I I I I I I I I I I I I I I I I I I I I I I I O O O O O O O O O O O O O O O O O Description Channel A Data Input Color Red (LSB) Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red Channel A Data Input Color Red (MSB) Channel A Data Input Color Green (LSB) Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green Channel A Data Input Color Green (MSB) Channel A Data Input Color Blue (LSB) Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue Channel A Data Input Color Blue (MSB) Input HSYNC (any polarity) Input VSYNC (any polarity) DE input for digital interface (reserved) Sample Clock for ADC 0 Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Even Pixel (left pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel) Output Color Red Odd Pixel (right pixel)
SD1010A
O Output Color Green Even Pixel (left pixel) SmartASIC Confidential
9
SmartASIC, Inc.
G_OUT1_E G_OUT2_E G_OUT3_E G_OUT4_E G_OUT5_E G_OUT6_E G_OUT7_E G_OUT0_O G_OUT1_O G_OUT2_O G_OUT3_O G_OUT4_O G_OUT5_O G_OUT6_O G_OUT7_O B_OUT0_E B_OUT1_E B_OUT2_E B_OUT3_E B_OUT4_E B_OUT5_E B_OUT6_E B_OUT7_E B_OUT0_O B_OUT1_O B_OUT2_O B_OUT3_O B_OUT4_O B_OUT5_O B_OUT6_O B_OUT7_O HSYNC_O VSYNC_O DCLK_OUT DE_OUT 48 49 50 51 53 54 55 58 59 60 61 63 64 65 66 69 70 71 72 73 74 75 78 80 81 82 83 85 86 87 88 21 22 23 24 O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O O Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Even Pixel (left pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Green Odd Pixel (right pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Even Pixel (left pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel) Output Color Blue Odd Pixel (right pixel)
SD1010A
Output HSYNC (the polarity is programmable through CPU, default is active low) Output VSYNC (the polarity is programmable through CPU, default is active low) Output Clock to Control Panel (the polarity is programmable through CPU) Output Display Enable for Panel (the polarity is programmable through CPU, default is active HIGH) Input PLL Feedback Clock Input Clock 0 Output PLL Feedback Clock Output PLL Output Clock
FCLK0 VCLK0 FCLK1 VCLK1 ROM_SCL ROM_SDA CPU_SCL November, 1999 Revision B
17 18 19 20 1 2 4
O I O I
O SCL in I2C for EEPROM interface I/O SDA in I2C for EEPROM interface I SCL in I2C for CPU interface 10
SmartASIC Confidential
SmartASIC, Inc.
CPU_SDA PWM_CTL CLK_1M CLK_1M_O RESET_B HSYNC_X R_OSD G_OSD B_OSD EN_OSD 5 6 7 9 10 31 11 12 13 14 I/O SDA in I2C for CPU interface O I O I O I I I I
SD1010A
PWM control signal (Detail description in PWM Operation Section) Free Running Clock (default: 1MHz) Feedback of free Running Clock System Reset ( active LOW) Default HSYNC generated by ASIC (active LOW) OSD Color Red OSD Color Green OSD Color Blue OSD Mixer Enable =0, No OSD output =1,R_OUT[7:0]= {R_OSD repeat 8 times} G_OUT[7:0]= {G_OSD repeat 8 times } B_OUT[7:0]= {B_OSD repeat 8 times } Manufacturing test pin (NC) Manufacturing test pin (NC) Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Power Supply Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground Ground
SCAN_EN TEST_EN VDD VDD VDD VDD VDD VDD VDD VDD VDD VDD VDD VDD VDD VDD GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND November, 1999 Revision B
15 16 8 26 41 52 62 76 77 84 94 100 106 113 118 128 3 25 36 46 56 57 67 68 79 89 99 101 112 114 124
I I
SmartASIC Confidential
11
SmartASIC, Inc.
SD1010A
November, 1999 Revision B
SmartASIC Confidential
12
SmartASIC, Inc.
SD1010A
3. FUNCTIONAL DESCRIPTION
The SD1010A has the following major function blocks: 1. Input mode detection and auto calibration block 2. Buffer memory and read/write control block 3. Image scaling, interpolation and dithering block 4. OSD mixer and LCD interface block 5. EEPROM interface block 6. CPU interface block The following sections will describe the functionality of these blocks.
3.1.
3.1.1.
Input mode detection & auto calibration block
Supported input modes
SD1010A can handle up to 14 different input modes. For SD1010A, an input mode is defined by its horizontal resolution with its vertical resolution. The input modes with the same horizontal and vertical resolution but with different frame rates are still considered as one single input mode. In the default EEPROM setup, SD1010A accepts the following seven input video modes: 1. 2. 3. 4. 5. 6. 7. 640 x 350 640 x 400 720 x 400 640 x 480 (VGA) 800 x 600 (SVGA) 832 x 624 (MAC) 1024 x 768 (XGA)
Users can easily change the definitions of the acceptable input modes by adjusting the values in the appropriate EEPROM entries. There is no frame rate restriction on the input modes. However, since the output signal is synchronized with the input signal at the same refresh rate, the input refresh rate has to be within the acceptable range of the LCD panel. The user-defined video modes can be defined by storing appropriate timing information in the EEPROM. Detail definitions of the EEPROM entries are described in Section 3.5.2.
November, 1999 Revision B
SmartASIC Confidential
13
SmartASIC, Inc.
3.1.2. Input mode detection and frequency detection
SD1010A
The SD1010A can automatically detect the mode of the input signal without any user adjustment or driver running on the PC host or external CPU. This block automatically detects polarity of input synchronization and the sizes of back porch, valid data window and the synchronization pulse width in both vertical and horizontal directions. The size information is then used not only to decide the input resolution, to generate the frequency divider for the input PLL, to lock the PLL output clock with HSYNC, but also to automatically scale the image to full screen and to synchronize the output signal with the input signal. The detection logic is always active to automatically detect any changes to the input mode. Users can manually change the input mode information at run time through the CPU interface. Detailed operation of the CPU interface is described in Section 3.6. "CPU Interface". Mode detection and frequency detection can be independently turned ON or OFF by the external CPU. This feature allows system customers to have better control of the mode-detection and frequency detection process. When the detection is turned OFF, the external CPU can change the input mode and frequency definitions. 3.1.3. Phase calibration
The SD1010A can automatically calibrate the phase of the sample clock in order to preserve the bandwidth of the input signal and to get the best quality. The SD1010A implements a proprietary image quality function. During the auto-calibration process, the SD1010A continues to search for the best phase to optimize the image quality. The output image may display some jitter and blurring during the auto-calibration process, and the image will become crisp and sharp once the optimum phase is found. User can change the sampling clock phase value through the external CPU. Detailed operation of the CPU interface is described in Section 3.6. "CPU Interface". The phase calibration process can be delayed and even disabled by the external CPU if the system designer wants to have his/her own implementation. The phase calibration can be independently turned ON or OFF by the external CPU. When the calibration is turned OFF, the external CPU can change the input mode and frequency definitions. 3.1.4. PWM operation
The SD1010A implements a unique algorithm to adjust the phase of the A/D converter's sampling clock. An external delay circuit is required to compliment the SD1010A for the phase-calibration process. The SD1010A generates a Pulse-Width Modulated (PWM) signal to the external delay circuit. The delay circuit should insert a certain amount of time delay synchronization pulse based upon the width of the PWM signal. A brief circuit diagram for the PWM is shown in Figure 3.
November, 1999 Revision B SmartASIC Confidential 14
SmartASIC, Inc.
SD1010A
The PWM signal from the SD1010A is a periodical signal with a period that is 1023 times the period of the free-running clock connected to the pin "CLK_1M". System manufacturers may select any frequency for the free running clock. The default clock frequency is 1MHz. System manufacturers also decide the unit delay for the external delay circuit. The delay information is stored in the EEPROM. When the SD1010A wants to delay the synchronization pulse for N units of delay, it will output the PWM with the high time equal to (N * the period of the free-running clock), and with low time equal to (1023-N)* the period of the free-running clock. When N=1023, the PWM signal stays high all the time, and when N=0, the PWM signal is always low. Figure 3: SD1010 PWM circuitry block diagram
SD1010A
PWM Delay Circuitry
Ref_Clk
PLL
Synchronization pulse
3.1.5.
Free Running Clock
As described in previous section, a free-running clock is needed for the SD1010A. This clock is used for many of the SD1010A's internal operations. PWM operation is one of them. System manufacturers can select the frequency of the free-running clock, and the default clock frequency is 1MHz. System manufacturers can use an oscillator to generate the free-running clock, and feed that clock directly to the pin "CLK_1M", or use a crystal connecting to "CLK_1M" and "CLK_1M_O".
3.2.
Buffer memory and read/write control block
The SD1010A uses internal buffer memory to store a portion of the input image for image scaling and output synchronization. No external memory buffer is needed for the SD1010A. The write control logic ensures the input data are stored into the right area of the buffer memory, and the read control logic is responsible to fetch the data from the buffer memory from the correct area and at the correct timing sequence. With the precise timing control of the write and read logic, the output image is appropriately scaled to the full screen, and the output signal is perfectly synchronized with the input signals.
November, 1999 Revision B SmartASIC Confidential 15
SmartASIC, Inc.
3.3. Image scaling, interpolation and dithering block
SD1010A
The SD1010A supports both automatic image scaling and interpolation. 3.3.1. Image scaling
The SD1010A supports several different input modes, and the input image may have different sizes. It is essential to support automatic image scaling so that the input image is always displayed to the full screen regardless the input mode. The SD1010A scales the images in both horizontal and vertical directions. It calculates the correct scaling ratio for both directions based upon the LCD panel resolution and the input mode and timing information produced by the "Input mode detection & auto calibration" block. The scaling ratio is re-adjusted whenever a different input mode is detected. The ratio is then fed to the buffer memory read control logic to fetch the image data with the right sequence and timing. Some of the image data may be read more than once to achieve the scaling effect. 3.3.2. Image interpolation
The SD1010A supports image interpolation to achieve better image quality. A basic image scaling algorithm replicates the input images to achieve the scaling effect. The replication scheme usually results in a poor image quality. The SD1010A implements a proprietary interpolation algorithm to improve the image quality. The programmable interpolation is implemented with a 256-entry mapping table in the EEPROM to allow system users to adjust the bi-linear interpolation parameters to control the sharpness and smoothness quality of the image. In the default setting, the mapping table contains a straight line of slope equal to 1, i.e. the data in entry N equal to the value N. If the mapping table contains a line of slope equal to 2, then the output image will be a bit sharper than the image generated by a table with the default setting. Through an external microcontroller, users can chose among different interpolation algorithm. 3.3.3. Dithering
The SD1010A supports 16.7 million true colors for a 6-bit panel. Two dithering algorithms are implemented and users can chose between them through the external microcontroller. The first one is area-based dithering, and the second one is a framebased frame modulation, which also is called frame rate control. Through the external microcontroller, users can choose among different dithering algorithms.
3.3.4.
Text Enhancement
In order to generate a good picture, the SD1010A incorporate a proprietary scheme to detect text and non-text picture. Then applying the appropriate process to improve the text image based on the detection of incoming source. By using the text enhancement
November, 1999 Revision B SmartASIC Confidential 16
SmartASIC, Inc.
SD1010A
function correctly, the text image will look more pleasant and near perfect after scaled up or down. Users can achieve a preferred image by changing the settings in "text control" register. 3.3.5. Sharpness Enhancement
No matter how many times the original image got enlarged or shrunk by the internal interpolator. With the embedded powerful DSP arrays, SD1010A always can enhance the overall image sharpness (edge) to different degree for the various requirements. The sharpness can be adjusted bi-directionally which means either going sharper or softer to certain point set by the user. It's easy to activate the sharpness enhancement by program "sharpness control" register.
3.4.
OSD mixer and LCD interface
At the output stage, the SD1010A performs the OSD mixer function, and then generates the 24-bit / 48-bit RGB signal to the LCD panel with the correct timing. 3.4.1. OSD mixer
In the OSD mixer block, the SD1010A mixes the normal output RGB signal with the OSD signal. The OSD output data is generated based on the "R_OSD", "G_OSD" and "B_OSD" pins as well as the "OSD Intensity" data in EEPROM entry. When the "EN_OSD" is active high, the OSD is active, and the SD1010A will send the OSD data to the LCD panel. The OSD has 16 different color schemes based on the combinations of the three OSD color pins and the "OSD Intensity" data. When R_OSD=1, and OSD_Intensity=0, the SD1010A will output 128 to the output red channel, R_OUT. When R_OSD=1 and OSD_Intensity=1, the SD1010A will output 255. The same scheme is used for G_OSD to G_OUT and for B_OSD to B_OUT. As part of the mixer control function, the SD1010A implements three mixing control registers, "OSD R Weight" (38H), "OSD G Weight"(39H), and "OSD B Weight" (3AH). The mixing equation is shown below:
R_OUT = (R_OSD) * (OSD R Weight/255) + R * (1 - OSD R Weight/255) G_OUT = (G_OSD) * (OSD G Weight/255) + G * (1 - OSD G Weight/255) B_OUT = (B_OSD) * (OSD B Weight/255) + B * (1 - OSD B Weight/255)
When the weight is 255, the OSD output will overlay on top of the normal output. When the weight is 0, the OSD output is disabled.
November, 1999 Revision B
SmartASIC Confidential
17
SmartASIC, Inc.
3.4.2. LCD interface
SD1010A
The SD1010A support both 24- and 48-bit RGB interfaces with XGA LCD panels from various panel manufacturers. The LCD panel resolution and timing information is stored in the external EEPROM. The information in the EEPROM includes timing related to the output back porch, synchronization pulse width and valid data window. The timing information is used to generate the frequency divider for the output PLL, to lock the PLL output clock with HSYNC for the LCD data clock, and to synchronize the output VSYNC and input VSYNC.
3.5.
EEPROM interface
As mentioned in previous sections, the external EEPROM stores crucial information for the SD1010A internal operations. The SD1010A interfaces with the EEPROM through a 2-wire serial interface. The suggested EEPROM device is an industry standard serial-interface EEPROM (24x08). The 2-wire serial interface scheme is briefly described here and a detailed description can be found in public literature. 3.5.1. 2-wire serial interface
The 2-wire serial interface uses 2 wires, SCL and SDA. The SCL is driven by the SD1010A and used mainly as the sampling clock. The SDA is a bi-directional signal and used mainly as a data signal. Figure 4 shows the basic bit definitions of the 2-wire serial interface. The 2-wire serial interface supports random and sequential read operations. Figures 5 and 6 show the data sequences for random read and sequential read operations.
November, 1999 Revision B
SmartASIC Confidential
18
SmartASIC, Inc.
SD1010A
Figure 4: START, STOP AND DATA Definitions in 2-wire serial interface
SDA
SCL
START DATA CHANGE
DATA STABLE DATA CHANGE
STOP
November, 1999 Revision B
SmartASIC Confidential
19
SmartASIC, Inc.
SD1010A
Figure 5: Data sequence for read access (both single and multiple bytes)
S T A R T S AT CO KP
DEVICE ADDRESS [6:0]
W RA IC TK E
WORD ADDRESS [5:0]
A C K
S T O P
S T A R T
DEVICE ADDRESS [6:0]
RA EC AK D
DATA READ
M S B B I T
6
L SR B /_ W B I T 0
M S B B I T
M S B B I T
L S B B I T 0
M S B B I T
L S B B I T 0
7
6
7
November, 1999 Revision B
SmartASIC Confidential
20
SmartASIC, Inc.
SD1010A
Figure 6: Data sequence for write access (both single and multiple bytes)
S T A R T W RA IC TK E S T AO C P K
DEVICE ADDRESS [6:0]
WORD ADDRESS [5:0]
A C K
DATA n
A C K
DATA n+x
M S B B I T
L R S /_ B W B I T 0
M S B B I T
M S B B I T
L S B B I T 0
M S B B I T
L S B B I T 0
6
7
7
7
3.5.2.
EEPROM Contents
The contents of EEPROM are primarily dependent on the specifications of the LCD panel. SmartASIC provides suggested EEPROM contents for LCD panels from various panel manufacturers. The section presents all the entries in the EEPROM, and briefly describes their definitions. This allows the system manufacturers to have their own EEPROM contents to distinguish their monitors. The EEPROM contents can be partitioned into 15 parts. The first 14 parts are input mode dependent. When the SD1010A detects the input mode, it will then load the information related to the detected mode from the EEPROM. The information in the 15th part is mainly for input mode detection as well as some threshold values for error status indicators. In the default setting, the SD1010A is set to recognize the following seven modes: 640x350, 640x400, 720x400, 640x480, 800x600, 832x624, and 1024x768 modes. Then the EEPROM will be partitioned as follows:
November, 1999 Revision B
SmartASIC Confidential
21
SmartASIC, Inc.
* * * * * * * * * * * * * * * Part 1: mode 1: 640x350 mode (in default setting) Part 2: mode 2: 640x400 mode (in default setting) Part 3: mode 3: 720x400 mode (in default setting) Part 4: mode 4: 640x480 mode (in default setting) Part 5: mode 5: 800x600 mode (in default setting) Part 6: mode 6: 832x624 mode (in default setting) Part 7: mode 7: 1024x768 mode (in default setting) Part 8: mode 8 Part 9: mode 9 Part 10: mode 10 Part 11: mode 11 Part 12: mode 12 Part 13: mode 13 Part 14: mode 14 Part 15: input mode detection and scaling related parameters
SD1010A
November, 1999 Revision B
SmartASIC Confidential
22
SmartASIC, Inc.
SD1010A
Part 1-14: Input Mode Dependent Data
Symbol Width (bits) 11 11 11 11 11 11 11 11 11 12 4 Address For 640x350 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H [6:3] Description
VPW VBP VBP Source Target Skip Pixel VSIZE HPW HBP HSIZE HTOTAL HTOTAL Source Line Expansion Pixel Expansion H. Fog Factor H. Fog Factor V. Fog Factor V. Fog Factor Minimum Input lines [10:8] Maximum Input pixels [10:8] Minimum input lines [7:0]
LCD VSYNC pulse width LCD VSYNC back porch (including VPW) LCD VSYNC back porch (source equivalent) = VBP * Line Expansion and round up If VBP can not be converted into source evenly, the leftover is converted into number of pixels LCD number of lines LCD HSYNC pulse width LCD HSYNC back porch (including HPW) LCD number of columns LCD total number of pixels per line including all porches LCD total number of clocks per line (source equivalent) = HTOTAL/Line Expansion Vertical source-to-destination scaling factor 0: one-to-one expansion (no expansion) 1-15: expansion ratio other than one-to-one (expansion) Horizontal source-to-destination scaling factor 0: one-to-one expansion (no expansion) 1-7: expansion ratio other than one-to-one (expansion) Horizontal fogging factor high byte Horizontal fogging factor low byte Vertical fogging factor high byte Vertical fogging factor low byte Upper 3 bits of minimum input lines Upper 3 bits of maximum input pixels Minimum input lines = (VSIZE + VBP)* Line Expansion When the input has fewer lines than this value, it is considered as an ERROR, and INPUT_X status bit will be HIGH. Maximum input pixels per line. Auto clock recovery will not set input PLL divisor larger than this value. Source horizontal size upper 3 bits Source vertical size upper 3 bits 23
3
14H [2:0]
8 8 8 8 3
15H[7:0] 16H[7:0] 17H[7:0] 18H[7:0] 19H[6:4]
3 8
19H[2:0] 1AH
Maximum input pixels [7:0] Source HSIZE[10:8] Source November, 1999 Revision B
8
1BH
3 3
1CH [6:4] 1CH [2:0]
SmartASIC Confidential
SmartASIC, Inc.
VSIZE[10:8] Source HSIZE[7:0] Source VSIZE[7:0] Check sum
SD1010A
8 8 8
1DH 1EH 1FH
Source horizontal size lower 8 bits Source vertical size lower 8 bits Sum of above 31 bytes (keep lower 8 bits only)
Mode 640x400 720x400 640x480 800x600 832x624 1024x768 User define Mode 1 User define Mode 2 User define Mode 3 User define Mode 4 User define Mode 5 User define Mode 6 User define Mode 7
Address Range 20H 3FH 40H 5FH 60H 7FH 80H 9FH A0H BFH C0H DFH E0H FFH 100H 11FH 120H 13FH 140H 15FH 160H 17FH 180H 19FH 1A0H 1BFH
Part 15: Input Mode Detection Data
Symbol Control byte 0 Control byte 1 Width (bits) 8 8 Address 200H Description
November, 1999 Revision B
Bit 6 - bit 0 : device ID for external CPU access Bit 7: fixed at 1 (reserved) 201H Bit0: 0: disable automatic input gain control 1: enable automatic input gain control Bit1: 0: enable input H/V SYNC polarity control (make input SYNC positive polarity) 1: bypass input H/V SYNC polarity control Bit2: fixed at 0 (reserved) SmartASIC Confidential
24
SmartASIC, Inc.
SD1010A
Control byte 2
8
202H
Bit3: fixed at 0 (reserved) Bit4: 0: YUV input format is unsigned (128 offset) 1: YUV input format is signed Bit5: 0: RGB input for video mode 1: YUV input for video mode Bit6: 0: disable video input 1: enable video input Bit7: 0: disable decimation support 1: enable decimation Bit 0: 0: don't invert input odd/even field indicator 1: invert input odd/even field indicator Bit 1: fixed at 0 (reserved) Bit 2: 0: disable BY2 for auto calibration 1: enable BY 2 for auto calibration Bit 3: 0: disable BY4 for auto calibration 1: enable BY 4 for auto calibration Bit 4: 0: disable BY8 for auto calibration 1: enable BY 8 for auto calibration Bit7-5: output clock phase adjustment, larger number gives larger phase delay.
Mode 640x350 Sync Polarity Res0 threshold [10:8] Res0 threshold [7:0] Mode 640x400 Sync Polarity Res1 threshold [10:8] Res1 threshold [7:0] Mode 720x400 Sync Polarity Res2 threshold [10:8] Res2 threshold [7:0] Mode 640x480 Sync Polarity Res3 threshold [10:8] Res3 threshold [7:0] Mode 800x600 Sync Polarity Res4 threshold [10:8] Res4 threshold [7:0] Mode 832x624 Sync Polarity Res5 threshold November, 1999 Revision B
2 3 8 2 3 8 2 3 8 2 3 8 2 3 8 2 3
203H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 203H[2:0] Upper bound of the line number for 640x350 mode Upper bound of the line number for 640x350 mode, and lower bound for 640x400 205H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 205H[2:0] Upper bound of the line number for 640x400 mode Upper bound of the line number for 640x400 mode, and lower bound for 720x400 207H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 207H[2:0] Upper bound of the line number for 720x400 mode Upper bound of the line number for 720x400 mode, and lower bound for 640x480 209H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 209H[2:0] Upper bound of the line number for 640x480 mode Upper bound of the line number for 640x480 mode, and lower bound for 800x600 20BH[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 20BH[2:0] Upper bound of the line number for 800x600 mode Upper bound of the line number for 800x600 mode, and lower bound for 832x624 20DH[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 20DH[2:0] Upper bound of the line number for 832x624 mode SmartASIC Confidential 25 20CH 20AH 208H 206H 204H
SmartASIC, Inc.
[10:8] Res5 threshold [7:0] Mode 1024x768 Sync Polarity Res6 threshold [10:8] Res6 threshold [7:0] Reserve mode 1 Sync Polarity Reserve mode 1 Res threshold [10:8] Reserve mode 1 Res threshold [7:0] Reserve mode 2 Sync Polarity Reserve mode 2 Res threshold [10:8] Reserve mode 2 Res threshold [7:0] Reserve mode 3 Sync Polarity Reserve mode 3 Res threshold [10:8] Reserve mode 3 Res threshold [7:0] Reserve mode 4 Sync Polarity Reserve mode4 Res threshold [10:8] Reserve mode4 Res threshold [7:0] Reserve mode 5 Sync Polarity Reserve mode 5 Res threshold [10:8] Reserve mode 5 Res threshold [7:0] Reserve mode 6 Sync Polarity Reserve mode 6 Res threshold [10:8] Reserve mode 6 Res threshold [7:0] Reserve mode 7 Sync Polarity Reserve mode 7 Res threshold [10:8] Reserve mode 7 Res threshold [7:0] Enable SYNC Check November, 1999 Revision B
SD1010A
8 2 3 8 2 3 8 2 3 8 2 3 8 2 3 8 2 3 8 2 3 8 2 3 8 14
Upper bound of the line number for 832x624 mode, and lower bound for 1024x768 20FH[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 20FH[2:0] Upper bound of the line number for 1024x768 mode 210H Upper bound of the line number for 1024x768 mode.
20EH
211H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 211H[2:0] Resolution threshold for reserve mode 1 212H Resolution threshold for reserve mode 1.
213H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 213H[2:0] Resolution threshold for reserve mode 2 214H Resolution threshold for reserve mode 2.
215H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 215H[2:0] Resolution threshold for reserve mode 3 216H Resolution threshold for reserve mode3.
217H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 217H[2:0] Resolution threshold for reserve mode 4 218H Resolution threshold for reserve mode 4
219H[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 219H[2:0] Resolution threshold for reserve mode 5 21AH Resolution threshold for reserve mode 5
21BH[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 21BH[2:0] Resolution threshold for reserve mode 6 21CH Resolution threshold for reserve mode 6
21DH[5:4] The polarity of input synchronization signals. Bit 0 is for VSYNC and bit 1 is for HSYNC 21DH[2:0] Resolution threshold for reserve mode 7 21EH Resolution threshold for reserve mode 7
21FH-220H Enable SYNC polarity check during input mode detection. 1: enable SYNC polarity based mode detection SmartASIC Confidential
26
SmartASIC, Inc.
SD1010A
Maximum VBP Reserved Entries Data low threshold
8 8 8
221H 222H-255H 256H
Data high threshold
8
257H
Edge threshold Calibration mode
8 2
258H 259H [1:0]
PWM unit delay
16
25AH-25BH
Maximum link off time
22
25CH-25EH
Maximum refresh rate
16
25FH-260H
Maximum input frequency
8
261H
Minimum pixels per line for LCD LCD polarity
11 4
262H-263H
0: disable SYNC polarity based mode detection bit 0: 640x350 bit 1: 640x400 bit 2: 720x400 bit 3: 640x480 bit 4: 800x600 bit 5: 832x624 bit 6: 1024x768 bit 7: res mode1 bit 8: res mode2 bit 9: res mode3 bit 10: res mode4 bit 11: res mode5 bit 12: res mode6 bit 13: res mode7 The maximum vertical back porch for input video Set to all 0 or all 1 (reserved) Low water mark for valid data. If the data is smaller than this threshold, it is considered LOW internally High water mark for valid data. If the data is larger than this threshold, it is considered HIGH internally Minimum difference between the data value of two adjacent pixels to be considered as an edge Selects different operation modes of internal phase calibration. The selection criterion is as follows: 0: when input video signal has large overshot, it results in longest calibration time 1: when input video signal has median overshot, it results in long calibration time 2: when input video signal has normal overshot, it results in normal calibration time (recommended) 3: when input video signal has no overshot, it results in shortest calibration time The unit delay used in the external PWM delay circuitry. If the free-running clock is 1MHz, and the intended unit delay is 0.2 ns (= 5,000MHz), then a value of 5,000MHz/1MHz = 5,000 is used here. Maximum time when input VSYNC is off before the LINK_DWN pin turns ON (unit: clock period of the free running clock). If the free-running clock is 1MHz, and the intended maximum time is 1 second, then a value of 1,000,000 s/ 1 s = 1,000,000 is used here. Maximum refresh rate supported by the LCD panel. If the intended maximum refresh rate is 75Hz, and the free-running clock is 1MHz, then a value of 1000000/75=133,333 is used here Maximum source clock rate supported by the SD1010 (unit: frequency of free-running clock). If the intended maximum clock rate is 60MHz, and the free-running clock is 1MHz, then a value of 60 is used here. If the input signal has a higher frequency than this value, the VCLK0_X status bit will turn ON. Minimum number of pixels per line for LCD panel
264H[3:0] Controls the polarity of output VSYNC, HSYNC, clock and display enable:Bit0: 0: clock active high, 1: clock active low Bit1: 0: HSYNC active low, 1: HSYNC active high Bit2: 0: VSYNC active low, 1: VSYNC active high SmartASIC Confidential 27
November, 1999 Revision B
SmartASIC, Inc.
Bit4: 0: de active high, 1: de active low Enable for programmable output pad: 1: output is enabled 0: output is tri-state
SD1010A
Output enable for output pin 51-54, 56-59, 61-64, 66-69, 71-74, 76-79, 8184, 86-89, 91-97, 99, 101-104, 106-109 Driving capability control for output pin 51-54, 56-59, 61-64, 6669, 71-74, 76-79, 81-84, 86-89, 91-97, 99, 101104, 106-109
1
265H[3]
3
Output enable for output pin 49 (DE) Driving capability control for output pin 49 (DE)
1
3
Output enable for output pin 46 (HSYNC_O) Driving capability control for output pin 46 (HSYNC_O)
1
3
Output enable for output pin 49 (VSYNC_O) Driving capability control for output pin 49 (VSYNC_O)
1
3
Output enable for output pin 46 (DCLK_OUT) Driving capability control for output pin 46 (DCLK_OUT)
1
3
November, 1999 Revision B
265H[2:0] 0: 2mA 1: 6mA 2: 6mA 3: 10mA 4: 4mA 5: 8mA 6: 8mA 7: 12mA 266H[7] Enable for programmable output pad: 1: output is enabled 0: output is tri-state 266H[6:4] 0: 2mA 1: 6mA 2: 6mA 3: 10mA 4: 4mA 5: 8mA 6: 8mA 7: 12mA 266H[3] Enable for programmable output pad: 1: output is enabled 0: output is tri-state 266H[2:0] 0: 2mA 1: 6mA 2: 6mA 3: 10mA 4: 4mA 5: 8mA 6: 8mA 7: 12mA 267H[7] Enable for programmable output pad: 1: output is enabled 0: output is tri-state 267H[6:4] 0: 2mA 1: 6mA 2: 6mA 3: 10mA 4: 4mA 5: 8mA 6: 8mA 7: 12mA 267H[3] Enable for programmable output pad: 1: output is enabled 0: output is tri-state 267H[2:0] 0: 2mA 1: 6mA 2: 6mA 3: 10mA 4: 4mA SmartASIC Confidential
28
SmartASIC, Inc.
SD1010A
Extension right
4
Extension left
4
Extension down
2
Gamma_format0
24
Gamma_format1
24
Gamma_th0_r Gamma_th1_r Gamma_th2_r Gamma_th3_r Gamma_th4_r Gamma_th5_r Gamma_th6_r Gamma_th0_g Gamma_th1_g Gamma_th2_g Gamma_th3_g Gamma_th4_g Gamma_th5_g Gamma_th6_g Gamma_th0_b Gamma_th1_b Gamma_th2_b Gamma_th3_b Gamma_th4_b Gamma_th5_b Gamma_th6_b Gamma_scale0_r Gamma_scale1_r Gamma_scale2_r Gamma_scale3_r Gamma_scale4_r Gamma_scale5_r Gamma_scale6_r Gamma_scale7_r Gamma_scale0_g Gamma_scale1_g Gamma_scale2_g Gamma_scale3_g Gamma_scale4_g Gamma_scale5_g November, 1999 Revision B
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
5: 8mA 6: 8mA 7: 12mA 268H[7:4] Numbers of pixels extended right for support of non-full screen expansion for secondary resolution to avoid exceeding panel specification 268H[3:0] Numbers of pixels extended left for support of non-full screen expansion for secondary resolution to avoid exceeding panel specification 269H[1:0] Numbers of lines extended down for support of non-full screen expansion for secondary resolution to avoid exceeding panel specification 26AH-26CH 26AH: gamma_format0_red 26BH: gamma_format0_green 26CH: gamma_format0_blue 26DH-26FH 26DH: gamma_format1_red 26EH: gamma_format1_green 26FH: gamma_format1_blue 270H Gamma_threshold0 for red 271H Gamma_threshold1 for red 272H Gamma_threshold2 for red 273H Gamma_threshold3 for red 274H Gamma_threshold4 for red 275H Gamma_threshold5 for red 276H Gamma_threshold6 for red 277H Gamma_threshold0 for green 278H Gamma_threshold1 for green 279H Gamma_threshold2 for green 27AH Gamma_threshold3 for green 27BH Gamma_threshold4 for green 27CH Gamma_threshold5 for green 27DH Gamma_threshold6 for green 27EH Gamma_threshold0 for blue 27FH Gamma_threshold1 for blue 280H Gamma_threshold2 for blue 281H Gamma_threshold3 for blue 282H Gamma_threshold4 for blue 283H Gamma_threshold5 for blue 284H Gamma_threshold6 for blue 285H Gamma_scalefactor0 for red 286H Gamma_scalefactor1 for red 287H Gamma_scalefactor2 for red 288H Gamma_scalefactor3 for red 289H Gamma_scalefactor4 for red 28AH Gamma_scalefactor5 for red 28BH Gamma_scalefactor6 for red 28CH Gamma_scalefactor7 for red 28DH Gamma_scalefactor0 for green 28EH Gamma_scalefactor1 for green 28FH Gamma_scalefactor2 for green 290H Gamma_scalefactor3 for green 291H Gamma_scalefactor4 for green 292H Gamma_scalefactor5 for green SmartASIC Confidential 29
SmartASIC, Inc.
Gamma_scale6_g Gamma_scale7_g Gamma_scale0_b Gamma_scale1_b Gamma_scale2_b Gamma_scale3_b Gamma_scale4_b Gamma_scale5_b Gamma_scale6_b Gamma_scale7_b Gamma_offset0_r Gamma_offset1_r Gamma_offset2_r Gamma_offset3_r Gamma_offset4_r Gamma_offset5_r Gamma_offset6_r Gamma_offset7_r Gamma_offset0_g Gamma_offset1_g Gamma_offset2_g Gamma_offset3_g Gamma_offset4_g Gamma_offset5_g Gamma_offset6_g Gamma_offset7_g Gamma_offset0_b Gamma_offset1_b Gamma_offset2_b Gamma_offset3_b Gamma_offset4_b Gamma_offset5_b Gamma_offset6_b Gamma_offset7_b Check sum 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 293H 294H 295H 296H 297H 298H 299H 29AH 29BH 29CH 29DH 29EH 29FH 2A0H 2A1H 2A2H 2A3H 2A4H 2A5H 2A6H 2A7H 2A8H 2A9H 2AAH 2ABH 2ACH 2ADH 2AEH 2AFH 2B0H 2B1H 2B2H 2B3H 2B4H 2B5H
SD1010A
Gamma_scalefactor6 for green Gamma_scalefactor7 for green Gamma_scalefactor0 for blue Gamma_scalefactor1 for blue Gamma_scalefactor2 for blue Gamma_scalefactor3 for blue Gamma_scalefactor4 for blue Gamma_scalefactor5 for blue Gamma_scalefactor6 for blue Gamma_scalefactor7 for blue Gamma_offset0 for red Gamma_offset1 for red Gamma_offset2 for red Gamma_offset3 for red Gamma_offset4 for red Gamma_offset5 for red Gamma_offset6 for red Gamma_offset7 for red Gamma_offset0 for green Gamma_offset1 for green Gamma_offset2 for green Gamma_offset3 for green Gamma_offset4 for green Gamma_offset5 for green Gamma_offset6 for green Gamma_offset7 for green Gamma_offset0 for blue Gamma_offset1 for blue Gamma_offset2 for blue Gamma_offset3 for blue Gamma_offset4 for blue Gamma_offset5 for blue Gamma_offset6 for blue Gamma_offset7 for blue Sum of all part 9 bytes (keep only lower 8 bit)
3.6.
CPU interface
The SD1010A supports a 2-wire serial interface to an external CPU. The interface allows the external CPU to access and modify control registers inside the SD1010A. The 2-wire serial interface is similar to the EEPROM interface, and the CPU is the host that drives the SCL all the time as the clock and for "start" and "stop" bits. The SCL frequency can be as high as 5MHz. The SDA is a bi-directional data wire. This interface supports random and sequential write operations for the CPU to modify one or multiple control registers, and random and sequential read operations for the CPU to read all or part of the control registers.
November, 1999 Revision B SmartASIC Confidential 30
SmartASIC, Inc.
SD1010A
The default device ID for the SD1010A is fixed "1111111". The device ID can be programmed through EEPROM entry 200H bit 0 through bit 6. This avoids any conflict with other 2-wire serial devices on the same bus. The following table briefly describes the SD1010A control registers. The external CPU can read these registers to know the state of the SD1010A as well as the result of input mode detection and phase calibration. The external CPU can modify these control registers to disable several SD1010A features and force the SD1010A into a particular state. When the CPU modifies the control registers, the new data will be first stored in a set of shadow registers, and then copied into the actual control registers when the "CPU Control Enable" bit is set. When the "CPU Control Enable" bit is set, the external CPU will retain control and the SD1010A will not perform the auto mode detection and auto calibration. The external CPU is able to adjust the size of the output image and move the output image up and down by simply changing the porch size and pixel and line numbers of the input signal. These adjustments can be tied to the external user control button on the monitor. A set of four control registers are used to generate output signal when there is no input signal available to the SD1010A or the input signal is beyond the acceptable ranges. This operation mode is called standalone mode, which is very important for the end users when they accidentally select an input mode beyond the acceptable range of the SD1010A or when the input cable connection becomes loose for any reason. System manufacturers can display appropriate OSD warning messages on the LCD panel to notify the users about the problem. Table 3: SD1010A Control Registers
Symbol VBP Source VSIZE Source VTOTAL Source HBP Source HSIZE Source HTOTAL Source Mode Source Width 11 11 11 11 11 11 4 Mode RW RW RW RW RW RW RW Address 0H-1H 2H-3H 4H-5H 6H-7H 8H-9H AH-BH CH[3:0] Description Input VSYNC back porch (not include pulse width) Input image lines per frame Input total number of lines including porches Input HSYNC back porch (not include pulse width) Input image pixels per line Input total number of pixels per line including porches Input video format 0: 640x350 1: 640x400 2: 720x400 3: 640x480 4: 800x600 5: 832x624 6: 1024x768 7: user defined mode 1 8: user defined mode 2 9: user defined mode 3 10: user defined mode 4 31
November, 1999 Revision B
SmartASIC Confidential
SmartASIC, Inc.
SD1010A
Clock Phase Source VPW standalone VTOTAL standalone HPW standalone HTOTAL standalone Disable auto calibration for mode 640x350 Delay auto calibration for mode 640x350 Disable auto calibration for mode 640x400 Delay auto calibration for mode 640x400 Disable auto calibration for mode 720x400 Delay auto calibration for mode 720x400 Disable auto calibration for mode 640x480 Delay auto calibration for mode 640x480 Disable auto calibration for mode 800x600 Delay auto calibration for mode 800x600 Disable auto calibration for mode 832x624 Delay auto calibration for mode 832x624 Disable auto calibration for mode 1024x768 Delay auto calibration for mode 1024x768 Disable auto calibration for mode INVALID November, 1999 Revision B
10 11 11 11 11 1
RW RW RW RW RW RW
DH-EH FH-10H 11H-12H 13H-14H 15H-16H 17H[7]
15
RW
17H[6:0]18H 19H[7]
11: user defined mode 5 12: user defined mode 6 13: user defined mode 7 14-15: error Input sampling clock phase For standalone mode, the pulse width of VSYNC For standalone mode, total number of line per frame For standalone mode, HSYNC active time in s For standalone mode, HSYNC cycle time in s Disable auto calibration for this mode: 1: disable 0: enable The number of frames need to be skipped before starting auto calibration for this mode
1
RW
15
RW
Disable auto calibration for this mode: 1: disable 0: enable 19H[6:0]- The number of frames need to be skipped before 1AH starting auto calibration for this mode Disable auto calibration for this mode: 1: disable 0: enable 1BH[6:0]- The number of frames need to be skipped before 1CH starting auto calibration for this mode Disable auto calibration for this mode: 1: disable 0: enable 1DH[6:0]- The number of frames need to be skipped before 1EH starting auto calibration for this mode Disable auto calibration for this mode: 1: disable 0: enable 1FH[6:0]- The number of frames need to be skipped before 20H starting auto calibration for this mode Disable auto calibration for this mode: 1: disable 0: enable 21H[6:0]- The number of frames need to be skipped before 22H starting auto calibration for this mode Disable auto calibration for this mode: 1: disable 0: enable 23H[6:0]- The number of frames need to be skipped before 24H starting auto calibration for this mode 25H[7] Disable auto calibration for this mode: 1: disable 0: enable 32 23H[7] 21H[7] 1FH[7] 1DH[7] 1BH[7]
1
RW
15
RW
1
RW
15
RW
1
RW
15
RW
1
RW
15
RW
1
RW
15
RW
1
RW
SmartASIC Confidential
SmartASIC, Inc.
Delay auto calibration for mode INVALID Bypass Sync Polarity 15 RW
SD1010A
25[6:0]- The number of frames need to be skipped before 26H starting auto calibration for this mode 27H[7] Bypass Input SYNC polarity detection (default 0): 1: bypass input SYNC polarity detection 0: detect input SYNC polarity and make them negative polarity Enable dithering for 6-bit panel (default 0): 1: enable dithering 0: disable dithering *also check register Control_C[6] Enable frame modulation for 6-bit panel (default 0): 1: enable frame modulation 0: disable frame modulation *also check register Control_B[5] and Control_B[7] Enable horizontal interpolation (default 0): 1: enable horizontal interpolation 0: disable horizontal interpolation Enable vertical interpolation (default 0): 1: enable vertical interpolation 0: disable vertical interpolation Enable horizontal rounding (default 0): 1: enable horizontal rounding 0: disable horizontal rounding Enable vertical rounding (default 0): 1: enable vertical rounding 0: disable vertical rounding Enable horizontal Table Lookup (default 0): 1: enable horizontal Table Lookup 0: disable horizontal Table Lookup Enable vertical Table Lookup (default 0): 1: enable vertical Table Lookup 0: disable vertical Table Lookup Enable detection of short lines (IBM panel only, default 0): 1: Enable such detection 0: disable such detection OSD intensity selection: 0: half intensity 1: full intensity Should be kept low most of the time. A high pulse will force SD1010 to reload all EEPROM entries Should be kept low most of the time. A high pulse will force SD1010 to reload mode dependent EEPROM entries External CPU control enable: 0: disable external CPU control. SD1010 can write control registers, but CPU only read control registers. 1: enable external CPU control. CPU can read/write control registers. SD1010 cannot write control registers Read only internal status registers: 1: indicate error status 0: indicate normal status 33
1
RW
Dithering Enable
1
RW
28H[7]
Frame Modulation Enable
1
RW
28H[6]
Horizontal Interpolation Enable Vertical Interpolation Enable Horizontal Rounding Enable Vertical Rounding Enable Horizontal Table Lookup Enable Vertical Table Lookup Enable HSYNC Threshold Enable
1
RW
28H[5]
1
RW
28H[4]
1
RW
28H[3]
1
RW
28H[2]
1
RW
28H[1]
1
RW
28H[0]
1
RW
29H[4]
OSD Intensity
1
RW
29H[3]
Load ALL EEPROM Load Mode Dependent EEPROM CPU control enable
1 1
RW RW
29H[2] 29H[1]
1
RW
29H[0]
Status 0
8
R
2AH
November, 1999 Revision B
SmartASIC Confidential
SmartASIC, Inc.
SD1010A
Status 1
4
R
Control_A
8
RW
Bit 0: EEPROM vertical lookup table loading Bit 1: EERPOM horizontal lookup table loading Bit 2: EEPROM mode dependent entries loading Bit 3: EEPROM calibration entries loading Bit 4: input has too few lines Bit 5: no input video Bit 6: input data clock is too fast Bit 7: refresh rate exceed LCD panel specification 2BH[3:0] Internal auto calibration state 0: Idle State 1-4: Loading EEPROM data 5-9: Frequency Calibration State (Auto Frequency Calibration will be done after state 9) 10: Phase Calibration State (Auto Phase Calibration will be done after state 10) 11: Adjust Horizontal Back Porch state 12: Phase Tracking state 2CH[7:0] Control Register A: 0 - disable 1 - enable default is 00H Bit 0: Horizontal Interpolation Offset Enable Bit 1: Vertical Interpolation Offset Enable Bit 2: Horizontal Interpolation Fraction Reset Enable Bit 3: Vertical Interpolation Fraction Reset Enable Bit 4: Horizontal Interpolation Integer Increment Enable Bit 5: Vertical Interpolation Integer Increment Enable Bit 6: Single Pixel Output Mode Enable Bit 7: Disable "DE_OUT", for blanking screen purpose 2DH[7:0] Control Register B Bit [2:0]: Pixel Comparison Mode: 0: compare r even(default) 1: compare g even 2: compare b even 3: invalid 4: compare r odd 5: compare g odd 6: compare b odd 7: invalid *Using pixel comparison should program register "Pixel Comparison Value" and check register "Status 2[1:0]" Bit [4:3]: Brightness Control: 0: disable brightness control(default) 1: reduce brightness 2: increase brightness 3: invalid *Using brightness control should specify register "Brightness Adjustment" and check register "Status 2[2]"
Control_B
8
RW
November, 1999 Revision B
SmartASIC Confidential
34
SmartASIC, Inc.
Bit [5]: Frame Modulation Mode: 0: 2-bit mode(default) 1: 1-bit mode Bit [6]: 6-bit Panel Rounding Enable: 0: disable(default) 1: enable
SD1010A
Control_C
8
RW
Bit [7]: Frame Modulation Scheme Selection: 0: Scheme A(default) 1: Scheme B 2EH[7:0] Control Register C Bit [1:0]: Horizontal Interpolation Special Processing Mode: 0: disable 1: linear 2: replication(default) 3: invalid Bit [3:2]: Vertical Interpolation Special Processing Mode: 0: disable 1: linear 2: replication(default) 3: invalid Bit [4]: OSD Transparency Enable: 0: disable(default) 1: enable *also need to program registers "OSD R Weight", "OSD G Weight" and "OSD B Weight" Bit [5]: Advanced Post Processing Enable: 0: disable(default) 1: enable *also need to specify registers "Advanced Processing R Weight", "Advanced Processing G Weight", "Advanced Processing B Weight" , "Advanced Processing R Value", "Advanced Processing G Value" and "Advanced Processing B Value" for properly functioning Bit [6]: Dithering Scheme Selection 0: Scheme A(default) 1: Scheme B Bit [7]: Reserved 2FH[7:0] Control Register D Bit [3:0]: Advanced Processing Shift Amount. From 0 - 8. 8 is the default value. Bit [4]: Advance Mixing Shift Enable 0: disable(default) 1: enable
Control_D
8
RW
November, 1999 Revision B
SmartASIC Confidential
35
SmartASIC, Inc.
SD1010A
*This is a option for Advanced Post Processing Bit [7:5]: Reserved 30H[7:0] High Byte For Interpolation Horizontal Offset Default is 00H 31H[7:0] Low Byte For Interpolation Horizontal Offset Default is 00H 32H{7:0] High Byte For Interpolation Vertical Offset Default is 00H 33H[7:0] Low Byte For Interpolation Vertical Offset Default is 00H 34H[7:0] Bit [2:0]: High Bits For Horizontal Interpolation Reset Count. Default is 0H. Bit [7:3]: Reserved 35H[7:0] Low Byte For Horizontal Interpolation Reset Count. Default is 00H. 36H[7:0] Bit [1:0]: High Bits For Vertical Interpolation Reset Count. Default is 0H. 37H[7:0] Low Byte For Interpolation Vertical Reset Count. Default is 00H. 38H[7:0] Mixing Weight For OSD R. Default is 00H. 39H[7:0] Mixing Weight For OSD G. Default is 00H. 3AH[7:0] Mixing Weight For OSD B. Default is 00H. 3BH[7:0] Weight For Advanced Post Processing R default is 00H 3CH[7:0] Weight For Advanced Post Processing G Default is 00H 3DH[7:0] Weight For Advanced Post Processing B Default is 00H 3EH[7:0] Value For Advanced Post Processing R Default is 00H 3FH[7:0] Value For Advanced Post Processing G Default is 00H 40H[7:0] Value For Advanced Post Processing B Default is 00H 41H[7:0] The Adjust Amount For Reducing/Increasing Brightness. Default is 00H. 42H[7:0] The Value To Compare The Incoming Pixel Data. Default is 00H. 43H[7:0] The Status Register 2 Bit [1:0]: Result for comparing the selected incoming pixel with "Pixel Comparison Value": 0: invalid 1: incoming pixel > "Pixel Comparison Value" 2: incoming pixel = "Pixel Comparison Value" 3: incoming pixel < "Pixel Comparison Value" Bit [2]: Status for brightness control 0: Normal, no underflow/overflow 1: brightness reduced too much causes underflow/increased too much causes overflow November, 1999 Revision B SmartASIC Confidential 36
Interpolation H. Offset Interpolation H. Offset Interpolation V. Offset Interpolation V. Offset H. Interpolation Rest Count H. Interpolation Reset Count V. Interpolation Reset Count V. Interpolation Reset Count OSD R Weight OSD G Weight OSD B Weight Advanced Processing R Weight Advanced Processing G Weight Advanced Processing B Weight Advanced Processing R Value Advanced Processing G Value Advanced Processing B Value Brightness Adjustment Pixel Comparison Value Status 2
8 8 8 8 8
RW RW RW RW RW
8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
RW RW RW RW RW RW RW RW RW RW RW RW RW RW R
SmartASIC, Inc.
SD1010A
Recovery Control
8
RW
44H
Phase Range Phase Track Waiting Time Quick Phase Enable PWM Enable Standalone Enable
4 24 1 1 1
RW RW RW RW RW
45H 46H 48H 49H[0] 49H[1] 49H[2]
Bit [7:3]: Reserved Clock Recovery Control Register: Default value is 71H Bit 0: clock frequency is divisible by 2 Bit 1: clock frequency is divisible by 4 Bit 2: clock frequency is divisible by 8 Bit 3: enable phase tracking feature Bit 4: enable auto phase calibration Bit 5: enable auto frequency calibration Bit 6: enable auto mode detection Bit 7: fixed at 0 (reserved) Offset value added to the calibrated phase when phase tracking occurs Number of frames waited before phase tracking occurs 0: Normal phase calibration (default) 1: Final phase = phase total - phase offset 0: Disable auto phase total calculation 1: Enable auto phase total calculation (default) 0: Uses the external incoming SYNC signals (default) 1: Allow the use of the default SYNC signals instead of the incoming SYNC signals Fixed at 0 (reserved) Offset value subtracted from phase total when doing quick phase calculation User defined value for a particular frequency Read only register for CPU to monitor Image Quality Index. The Image Quality Index is used by auto phase calibration. Text-Enhancement Control Bit[0]: text enhancement enable 0: disable 1: enable Bit[1]: Reserved Bit[6:2]: text-enhanced level Level 0 - 14. Level "0" is the same as original source, and "14" is the highest enhancement level. Bit[7]: Reserved
Reserved Entry Phase Offset Phase Total Image Quality Index
1 10 10 30
RW RW RW R
Text Control
8
RW
49H[3] 4AH 4BH 4CH 4DH 4EH[5:0],4 FH, 50H, 51H 52H[7:0]
Sharpness Control
8
RW
Default is 00H 53H[7:0] Sharpness-Enhancement Control Bit[0]: sharpness enhancement enable 0: disable 1: enable Bit[1]: Reserved
November, 1999 Revision B
SmartASIC Confidential
37
SmartASIC, Inc.
SD1010A
Bit[6:2]: sharpness-enhanced level Level 1 - 19. Level "5" is the same as the original source. From "4" to "1" intend to soften the picture, and "1" is the softest level. From level "6" to "19" will sharpen the picture gradually. Level "19" is the sharpest output. Bit[7]: Reserved Default is 14H 54H[7:0] Control Register E Bit[3:0]: text enhancement threshold. Bit[4]: reserved Bit[6:5]: Frame Modulation Mode 0: compatible with SD1010 1-3: new schemes Bit[7]: reserved Default is 05H The x location for reading "Pixel_out" register The y location for reading "Pixel_out" register Read out pixel located by "Pixel_h" and "Pixel_v"
Control_E
8
RW
Pixel_h Pixel_v Pixle_out Fc3_start Channel_select
11 11 24 1 1
RW RW R RW RW
55H[10:8] 56H[7:0] 57H[10:8] 58H[7:0] 59H, 5AH, 5BH 5CH[4] 5CH[3]
Dual_pixel
1
RW
Soft_start ICS_phase_state Hsize_by842_en
1 1 1
RW RW RW
Video_mode Input_yuv Yuv_signed decimation
1 1 1 1
RW RW RW RW
Detect_en November, 1999 Revision B
2
RW
Forces auto calibration to recalculate h back porch Only for single pixel input 0: takes input data from channel 1 1: takes input data from channel 0 For 128 pin package, set this bit at 0 5CH[2] 0: takes input from one single channel 1: takes input from both channels. For 128 pin package, set this bit at 0 5CH[1] Restarts auto calibration without going into reset 5CH[0] Forces auto calibration to calculate the image quality for a particular clock phase when supplied by ics chips 5DH[7] Turn on internal hsize matching by8, 4, 2 when clock frequency calibration is done by8, 4, 2. Used mainly for special non-full screen inputs. 5DH[6] 0: disable input video mode 1: input is video 5DH[5] 0: input video format is RGB 1: input video format is YUV 4:2:2 5DH[4] 0: input video YUV format is unsigned 1: input video YUV format is signed 5DH[3] Used when input resolution is higher than output 1: enable special decimation control 0: disable special decimation 5DH[2:1] Input data range detection. The results are put in register 64H and 65H 38
SmartASIC Confidential
SmartASIC, Inc.
SD1010A
Agc_en Agc_gain_red Agc_gain_green Agc_gain_blue Agc_offset_red Agc_offset_green Agc_offset_blue Input_max Input_min ICS_freq_state ICS_hsize_valid ICS_iq_valid IQ_valid Divisor_valid
1 8 8 8 8 8 8 8 8 1 1 1 1 1
RW RW RW RW RW RW RW R R RW RW RW RW RW
Non_full_screen Divisor_value IQ_value
1 11 30
RW R R
Panel_on
1
RW
0: disable detection 1: detect MAX/MIN using R color 2: detect MAX/MIN using G color 3: detect MAX/MIN using B color 5DH[0] Automatic gain control enable 5EH Gain amount for R color 5FH Gain amount for G color 60H Gain amount for B color 61H Offset amount for R color 62H Offset amount for G color 63H Offset amount for B color 64H Detected maximum input data (please see 5DH) 65H Detected minimum input data (please see 5DH) 66H[5] Forces auto calibration to calculate the hsize value for a particular clock frequency when supplied by ics chips 66H[4] Indicates when hsize value is ready for cpu to read in ics mode. Can be clear by cpu 66H[3] Indicates when image quality is ready for cpu to read in ics mode. Can be clear by cpu 66H[2] Indicates when image quality is ready for cpu to read in Regular non-ics mode. Can be clear by cpu 66H[1] Indicates when auto clock frequency calibration is done and frequency value is ready for cpu to read. Can be clear by cpu 66H[0] Indicates when input data is non full screen. Can be clear by cpu 67H[2:0], Read only register containing value of clock frequency 68H when divisor_valid is asserted 69H[5:0], Read only register containing value of image quality 6AH,6BH, when either ics_iq_valid or iq_valid is asserted 6CH 6DH[0] 1: turn on all the outputs to the panel 0: disable outputs to the panel (need to disable EEPROM 265H[3], 266H[7], 266H[3], 267H[7], 267H[3] to get complete output disable). 6EH[2:0], Read only register containing value of hsize when 6FH ics_hsize_valid is asserted 70H[5:0] Divisor value use to divide fast pwm_free_clk to slower free_clk
ICS_hsize_value Rom_clk_sel
11 6
R RW
3.7.
Control Flow
When SD1010A is powered up, the reference system and SD1010A will perform the following functions in sequence: 1. System will generate a Power-On Reset to SD1010A. 2. Once the SD1010A receives the Reset, SD1010A will load the contents of EEPROM and start the auto-calibration process.
November, 1999 Revision B SmartASIC Confidential 39
SmartASIC, Inc.
SD1010A
3. In the meantime, the external CPU can change the contents of the control registers of the SD1010A. If necessary, the external CPU can send an additional Reset to restart the whole process.
November, 1999 Revision B
SmartASIC Confidential
40
SmartASIC, Inc.
SD1010A
4. ELECTRICAL SPECIFICATIONS
This section presents the electrical specifications of the SD1010A.
4.1.
Symbol VCC Vin Vout VCC5 Vin5 Vout5 TSTG
Absolute Maximum Ratings
Parameter Power Supply Input Voltage Output Voltage Power Supply for 5V Input Voltage for 5V Output Voltage for 5V Storage Temperature Rating -0.3 to 3.6 -0.3 to VCC + 0.3 -0.3 to VCC +0.3 -0.3 to 6.0 -0.3 to VCC5 + 0.3 -0.3 to VCC5 +0.3 -55 to 150 Units V V V V V V C
4.2.
Symbol VCC Vin VCC5 VIN5 TJ
Recommended Operating Conditions
Parameter Power Supply Input Voltage Commercial Power Supply for 5V Input Voltage for 5V Commercial Junction Operating Temperature Min. 3.0 0 4.75 0 0 Typ. 3.3 5.0 25 Max. 3.6 VCC 5.25 VCC5 115 Units V V V V C
4.3.
Symbol IIL IOZ CIN3 COUT3 CBID3 CIN5 COUT5 CBID5
General DC Characteristics
Parameter Input Leakage Current TRI-state Leakage Current 3.3V Input Capacitance 3.3V Output Capacitance 3.3V Bi-directional Buffer Capacitance 5V Input Capacitance 5V Output Capacitance 5V Bi-directional Buffer Capacitance Conditions no pull - up or pull - down Min. -1 -1 2.8 2.7 2.7 2.8 2.7 2.7 5.6 5.6 4.9 4.9 Typ. Max. 1 1 Units A A F F F F F F
Note: The capacitance above does not include PAD capacitance and package capacitance. One can estimate pin capacitance by adding pad capacitance, which is about 0.5 F, and the package capacitance
November, 1999 Revision B
SmartASIC Confidential
41
SmartASIC, Inc.
SD1010A
4.4.
Symbol VIL VIH VT-
DC Electrical Characteristics for 3.3 V Operation
Parameter Input low voltage Input high voltage Schmitt trigger negative going threshold voltage Schmitt trigger positive going threshold voltage Output low voltage Output high voltage Input pull-up /down resistance Conditions CMOS CMOS COMS Min. 0.7*VCC 1.20 Typ. Max. 0.3*VCC Units V V V
(Under Recommended Operation Conditions and VCC = 3.0 ~ 3.6V, TJ = 0C to +115C)
VT+
COMS
2.10
V
VOL VOH RI
IOH=2,4,8,12, 16,24 mA IOH=2,4,8,12, 16,24 mA VIL=0V or VIH=VCC
0.4 2.4 75
V V K
4.5.
Symbol VIL VIH VIL VIH VTVT+
DC Electrical Characteristics for 5V Operation
Parameter Input low voltage Input high voltage Input low voltage Input high voltage Schmitt trigger negative going threshold voltage Schmitt trigger positive going threshold voltage Schmitt trigger negative going threshold voltage Schmitt trigger positive going threshold voltage Output low voltage Output high voltage Input pull-up / down resistance Conditions COMS COMS TTL TTL CMOS COMS Min. 0.7*VCC 0.8 2.0 1.78 3.00 Typ. Max. 0.3*VCC Units V V V V V V
(Under Recommended Operation Conditions and VCC=4.75~5.25,TJ=0C to +115C)
VTVT+
TTL TTL
1.10 1.90
V V
VOL VOH RI
IOL=2,4,8,16,24mA IOH=2,4,8,16,24 mA VIL=0V or VIH=VCC
0.4 3.5 50
V V K
November, 1999 Revision B
SmartASIC Confidential
42
SmartASIC, Inc.
SD1010A
5. PACKAGE DIMENSIONS
128
1
102
128 PQFP (14x20 mm)
E HE
38
64
D HD A A2 A1 c b e
L L1 November, 1999 Revision B SmartASIC Confidential
43
SmartASIC, Inc.
SD1010A
Symbol\Unit A A1 A2 b c D E e HD HE L L1
Inch (Base) 0.134(Max) 0.010 (Min) 0.112 +/-0.003 0.007 (Min) - 0.011(Max) .004 (Min) - 0.008 (Max) 0.551+/-0.002 0.787+/-0.002 0.020 (Ref) 0.677 +/- 0.01 0.913 +/- 0.01 0.035+/-0.006 0.063(Ref) 0 - 7.0
MM (Base) 3.40 (Max) 0.25 (Min) 2.85 +/- 0.08 0.17(Min) - 0.27(Max) 0.09(Min) - 0.20(Max) 14.000+/-0.10 20.000+/-0.10 0.5 (Ref) 17.20 +/- 0.25 23.20 +/- 0.25 0.88+/-0.15 1.60(Ref) 0 - 7.0
November, 1999 Revision B
SmartASIC Confidential
44
SmartASIC, Inc.
SD1010A
6. ORDER INFORMATION
Order Code SD1010
Temperature Commercial 0C ~ 70C
Package 128-pin PQFP 14 x 20 (mm)
Speed 100MHz
SmartASIC, Inc.
U.S.A. & Europe 525 Race St. Suite 250 San Jose, CA 95126 U.S.A. Tel : 1-408-283-5098 Fax : 1-408-283-5099
WORLDWIDE OFFICES
Asia Pacific 3F, No. 68, Chou-Tze St. Nei-Hu Dist. Taipei 114, Taiwan R.O.C. Tel : 886-2-8797-7889 Fax : 886-2-8797-6829
@Copyright 1999, SmartASIC, Inc.
This information in this document is subject to change without notice. SmartASIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. SmartASIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications.
November, 1999 Revision B
SmartASIC Confidential
45


▲Up To Search▲   

 
Price & Availability of SD1010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X